|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Photointerrupters(Reflective) SG-105 DIMENSIONS The SG-105 reflective sensor combines a GaAs IRED with a high-sensitivity phototransistor in a super-mini package, reducing installation space. (Unit : mm) FEATURES U ompact C UHigh performance UHigh-speed response UEasy to mount on P.C.B. UWidely applicable APPLICATIONS UTiming sensors UEdge sensors UMicro floppy disk drives ULevel sensors of liquid MAXIMUM RATINGS Item Power dissipation Reverse voltage Input Forward current *1 Pulse forward current Collector power dissipation Collector current Output C-E voltage E-C voltage Operating temp. Storage temp. *2 Soldering temp. (Ta=2...) 5 Symbol PD VR F I F IP PC C I VCEO VECO Topr. Tstg Tsol. Rating 75 5 50 1 50 20 30 3 -20~+85 -30~+100 240 Unit mW V mA A mW mA V V ... ... ... *1UZ100 *I . sec.period 10msec. T= *2. For MAX. 5 seconds at the position of 2mm from the package ELECTRO-OPTICAL CHARACTERISTICS Item Input Forward voltage Reverse current Peak wavelength Collector dark current (Ta=2...) 5 Symbol VF R I *Ip C I EO L I C I EOD tr tf Conditions F= I 10mA VR=5V Min. Typ. 940 Max. 1.3 10 0.2 0.2 Unit. V *IA nm *IA *IA *IA *I ec. s *I ec. s Output Ligh current Leakage current Switching Rise time speeds Fall time VCE=10V I VCE=5V, F=10mA I VCE=5V, F=10mA I *I VCC=2V, C=100 A *y RL=1K 90 30 25 - 1- Photointerrupters(Reflective) SG-105 Collector power dissipation Vs. Ambient temperature Forward current Vs. Forward voltage Light current Vs. Forward current Light current Vs. Collector-Emitter voltage Relative light current Vs. Ambient temperature Dark current Vs. Ambient temperature Switching time Vs. Load resistance Relative light current Vs. Moving distance - 2- |
Price & Availability of SG-105 |